Part Number Hot Search : 
74ALVC1 CCM02 LM78XX 40113 1N5272 1N5272 C4704 SMAJ43C
Product Description
Full Text Search
 

To Download HG4505012A-1QH1C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Heavy Duty General Purpose Relay
HG4505
FEATURES Bridging-over contact configurations for heavy inductive load breaking 1 Form X and 2 Form X contact form Quick connect, PCB terminal, screw mounting for choice "Great Wall" mark approved Other approvals pending TYPICAL APPLICATIONS Package air conditioners Heaters and refrigeration control UPS CONTACT RATING
Form Resistive 1 Form X (1QH) 30A, 240VAC 2 Form X (2QH) 2 x 25A, 240VAC
CONTACT DATA
Material Initial Contact Resistance Mechanical Service Life Electrical AgCdO 50 m max. at 0.1A, 6VDC 5 x 106 ops. 105 ops.
UL /CSA RATING (PENDING)
Form Resistive TV Motor 1 Form X (1QH) 30A, 277VAC 10A, 125VAC 1.5HP, 125VAC 3HP, 277VAC 86LRA, 20FLA, 125VAC 60LRA, 14.1FLA, 277VAC 2 Form X (2QH) 25A, 277VAC 10A, 125VAC 1HP, 125VAC 2HP, 277VAC 69LRA, 16FLA, 125VAC 43LRA, 10FLA, 277VAC
COIL DATA
Type Coil Voltage Code 003 006 012 024 048 100 110 220 006 012 024 048 110 /120 220 /240 Nominal Voltage (VDC/VAC) 3 6 12 24 48 100 110 220 6 12 24 48 110 /120 220 /240 Resistance () 10% Power Comsumption 4.7 18.8 75.0 300.0 1200.0 5200.0 6300.0 21000.0 8.8 35.0 130.0 480.0 2150.0 8880.0 Must Operate Voltage max. ( VDC/VAC) 2.25 4.5 9.0 18.0 36.0 75.0 82.5 165.0 4.8 9.6 19.2 38.4 88.0 /96.0 176.0 /192.0 Must Release Voltage min. ( VDC/VAC) 0.3 0.6 1.2 2.4 4.8 10.0 11.0 22.0 0.6 1.2 2.4 4.8 11.0 /12.0 22.0 /24.0
DC
1.9W
AC
1.7 -2.7VA
CHARACTERISTICS
Operate Time Release Time Insulation Resistance Dielectric Strength Shock Resistance Vibration Resistance Ambient Temperature Weight 30 ms. max. 30 ms. max. 100 M, at 500 VDC, 50%RH 4000 Vrms, 1 min. between coil and contacts 2000 Vrms, 1 min. between open contacts 2000 Vrms, 1 min. between adjacent contacts 10 g, 11ms. functional; 100 g, destructive DA 1.5mm, 10 - 55 Hz -55C to 70C 90 g, approx.
HG4505
1/2
HG4505
ORDERING DESIGNATION
Example: Model Coil Voltage Code DC/AC Nil: DC Coil; A: AC Coil Contact Form 1QH: 1 Form X; 2QH: 2 Form X Version 1: Sealed; 2: Dust Cover Contact Material C: AgCdO; S: AgSnOInO Mounting Version Nil: Quick Connect; 4: PCB Terminal Contact Gap Nil: Standard; G: Big Gap HG4505 / 220 A1QH 1 C 4 G
REFERENCE CURVES
OVERALL DIMENSIONS, MOUNTING HOLES AND WIRING DIAGRAMS (mm)
Overall Dimensions
Mounting Holes (Bottom View)
Wiring Diagrams (Bottom View)
NOTES
1. 2. 3. All parameters, unless otherwise specified, are measured at ambient temperature 23C. Custom-made services available with operational quantity. Please let us know your special requirements. Specifications subject to change without prior notice.
HG4505
2/2


▲Up To Search▲   

 
Price & Availability of HG4505012A-1QH1C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X